Part Number Hot Search : 
TS25P04G SRBL1650 BCR12 LT1375HV FDC365P T7121 AMS236A M5R13TPJ
Product Description
Full Text Search
 

To Download SKBPC3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR/SKBPC35005 THRU SBR/SKBPC3510
Voltage Range -50 to 1000 Volts Current -35.0 Ampere
Features
Dif fused Junction Low forward voltage drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards
25.824.8
_ ~ ~
5.35.1
16.515.5 28.728.4
Case:Epoxy Case with Heat Sink Interally MIL-STD-202,Method 208 Polarity:As Marked on Body W eight:20grams(approx) Mounting Position Bolt Down on Heatsink With Silicone Thermal Compound Between Bright and Mounting Surface for Maximum Heat Transfer Effciency Mounting Torque:20 in lbs.Max. Marking:Type Number
10.59.5
MECHANICAL DATA
~
+
6.35X0.8
24.522.5
Metal Heat Sink
Maximum Ratings and Electrical Characteristics
Rating at AC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
VOLTAGE RATINGS
CHARACTERISTICES Peak Repetitive Reverse VOltage WorkingPeak Reverse voltage DC Blocking Voltage Peak Non-Repetitive Reverse Voltage PMS Reverse Voltage SYMBOL VRRM VR WM VR VRSM VR(RMS) -00 50 -01 100 -02 200 -04 400 -06 600 -08 800 -10 1000 -12 1200 -14 1400 -16 1600 UNT
V
75 35
150 70
275 140
500 280
725 420
900 1100 560 700
1300 840
1500 980
1700 1120
V V
FOR WARD CONDUCTION
CHARACTERISTICS Maximum Average Forward Rectified Current@Tc=100oC Non-Repetitive Peak Forward Surge Current (No voltage Reapplied t=8.3ms at 60Hz) (No voltage Reapplied t=10ms at 50Hz) (100% VRRM Reapplied t=8.3ms at 60Hz) (100% VRRM Reapplied t=10ms at 50Hz) l2t Rating for fusing (No voltage Reapplied t=8.3ms at 60Hz) (No voltage Reapplied t=10ms at 50Hz) (100% VRRM Reapplied t=8.3ms at 60Hz) (100% VRRM Reapplied t=10ms at 50Hz) Forward Voltage(per element) @TJ=25oC ,@LFM=40APK per single junction Peak Reverse Current (per leg)@TJ=25oC At Rated DC Blocking Voltage @TJ=125oC RMS losllation Voltage from Case to Lead SYMBOL IO MT35
35 500 475
UNIT
A
IFMS
420 400
A
1030 l2t
1130
730 800 1.19
A2S
VF IR Vlso
V
10 5.0
uA mA
V
2500 -40 to +150 -40 to +150 1.16 0.2
THERMAL CHARACTERISTICS
Operating TA emperature Range Storage TJ emperature Range Thermal Resistance Junction to Case at DC Operatiom per Bridge Thermal Resistance Case to Case to Heatsink Mounting Surface, Smooth, Flat and Greased TJ TSTG R Q JC R Q CS
o
C C
o
K/W K/W


▲Up To Search▲   

 
Price & Availability of SKBPC3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X